PART |
Description |
Maker |
NCP1230D100R2 NCP1230D100R2G |
Low−Standby Power High Performance PWM Controller 0.5 A SWITCHING CONTROLLER, 110 kHz SWITCHING FREQ-MAX, PDSO8
|
ON Semiconductor
|
LT1184CSPBF LT3846CN LT3847CJ LT3524CS |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 1.25 A FLUORESCENT LIGHT CONTROLLER, 200 kHz SWITCHING FREQ-MAX, PDSO16 SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PDIP SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, CDIP SWITCHING CONTROLLER, PDSO
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
BD9702T BD9701FP09 BD9703T-V5 BD9701T-V5 BD9701CP- |
3 A SWITCHING REGULATOR, 300 kHz SWITCHING FREQ-MAX, SFM5 Simple Step-down Switching Regulators with Built-in Power MOSFET 3 A SWITCHING REGULATOR, 110 kHz SWITCHING FREQ-MAX, SFM5 1.5 A SWITCHING REGULATOR, 110 kHz SWITCHING FREQ-MAX, SFM5
|
Rohm
|
NCP1010ST100T3 NCP1014AP065G NCP1012AP065 NCP1012A |
24 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 0.55 A SWITCHING REGULATOR, 110 kHz SWITCHING FREQ-MAX, PSSO4 VARISTOR 150V RMS 7MM RADIAL 1 A SWITCHING REGULATOR, 71 kHz SWITCHING FREQ-MAX, PDIP7 Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS 1 A SWITCHING REGULATOR, 71 kHz SWITCHING FREQ-MAX, PDIP7 Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS 1 A SWITCHING REGULATOR, 110 kHz SWITCHING FREQ-MAX, PDIP7 VARISTOR 14VRMS 7MM RADIAL
|
Linear Technology, Corp. Rectron Semiconductor
|
UC3825ADW UC3825ADWTR UC3825AN UC3825AQ UC3823AL |
2.2 A SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PDSO16 2.2 A SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PDIP16 2.2 A SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PQCC20 2.2 A SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, CQCC20
|
|
R1224N R1224N102L-TR R1224N252G-TL-FA |
0.05 A SWITCHING CONTROLLER, 360 kHz SWITCHING FREQ-MAX, PDSO5 0.05 A SWITCHING CONTROLLER, 216 kHz SWITCHING FREQ-MAX, PDSO5 Analog IC - Datasheet Reference
|
RICOH COMPANY LTD Ricoh Corp
|
R1221N16AH-TR R1221N15AH-TR R1221N17AH-TR R1221N18 |
High Power Chip - HPC 12 2 1% B Voltage-Mode SMPS Controller 0.025 A SWITCHING CONTROLLER, 360 kHz SWITCHING FREQ-MAX, PDSO6 Voltage-Mode SMPS Controller 电压模式开关电源控制器 Voltage-Mode SMPS Controller 0.025 A SWITCHING CONTROLLER, 600 kHz SWITCHING FREQ-MAX, PDSO6 Step-down DC/DC Converter with Voltage Detector 降压直流/直流电压检测器 Step-down DC/DC Converter with Voltage Detector 0.025 A SWITCHING CONTROLLER, 360 kHz SWITCHING FREQ-MAX, PDSO6 Step-down DC/DC Converter with Voltage Detector 0.025 A SWITCHING CONTROLLER, 600 kHz SWITCHING FREQ-MAX, PDSO6
|
Ricoh Co., Ltd. http:// RICOH electronics devices division
|
ISL6569ACBZ-T |
2 Phase Buck PWM Controller; Temperature Range: 0°C to 70°C; Package: 24-SOIC T&R SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PDSO24 Multi-Phase PWM Controller SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PDSO24
|
Intersil, Corp.
|
UC3845BVD1G UC2845BDR2G UC2845BD1G |
HIGH PERFORMANCE CURRENT MODE CONTROLLERS 1 A SWITCHING CONTROLLER, 275 kHz SWITCHING FREQ-MAX, PDSO14 1A, 52kHz (250kHz Max) Current Mode PWM Control Circuit with 8.4V UVLO Threshold and 48% Max Duty Cycle; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 1 A SWITCHING CONTROLLER, 275 kHz SWITCHING FREQ-MAX, PDSO8
|
Rectron Semiconductor
|
RH5RI301B-T1 RH5RI501B-T1 RH5RIXX3B RH5RIXX2B RH5R |
Power Management ICs VFM STEP-UP DC/DC CONVERTER 0.25 A SWITCHING REGULATOR, 120 kHz SWITCHING FREQ-MAX, PDSO5 VFM STEP-UP DC/DC CONVERTER 0.05 A SWITCHING CONTROLLER, 120 kHz SWITCHING FREQ-MAX, PSSO3 VFM STEP-UP DC/DC CONVERTER 衡工量值式升压型DC / DC变换 0.25 A SWITCHING REGULATOR, 100 kHz SWITCHING FREQ-MAX, PDSO5 0.05 A SWITCHING CONTROLLER, 100 kHz SWITCHING FREQ-MAX, PSSO3 0.25 A SWITCHING REGULATOR, 100 kHz SWITCHING FREQ-MAX, PSSO3
|
Ricoh Co., Ltd. RICOH COMPANY LTD
|
SG5841DZ |
Highly Integrated Green-Mode PWM Controller 0.23 A SWITCHING CONTROLLER, 68 kHz SWITCHING FREQ-MAX, DIP8
|
Fairchild Semiconductor, Corp.
|